Part Number Hot Search : 
KG9501 SLA50 M74HC3 05100 SV153 ZMD31010 MBR1040F 43650
Product Description
Full Text Search
 

To Download AC12FSMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
AC12DSMA,AC12FSMA
12 A RESIN INSULATION TYPE TRIAC
THYRISTORS
DESCRIPTION
The AC12DSMA and AC12FSMA are resin insulation type TRIACs with an effective current of 12 A (TC = 74C). These products are covered with resin mold on the entire case and are electrically insulated with electrodes, giving them a
17 0.2
PACKAGE DRAWING (Unit: mm)
10.5 MAX. 7 0.2 4.7 MAX.
3.2 0.2
5 0.1
3.0 MAX.
2.8 0.2
considerable advantage over conventional TRIACs when mounting on a heatsink board or performing high-density mounting. These products features ratings and electrical characteristics equal to TO-220AB package TRIAC and a high reliability design.
12 0.2
1
23
*
FEATURES
* Insulation type TRIAC fully covered with resin on the entire case other than electrode leads * Insulation voltage and conduction equal to conventional mica and polyester film * Can be replaced with TO-220AB package * High allowable on-current when using a single unit
0.8 0.1 2.54 TYP.
1.3 0.2 1.5 0.2 2.54 TYP.
13.5 MIN.
5 0.2
0.5 0.1
2.5 0.1
TRIAC 1: T1 2: T2 3: Gate
APPLICATIONS
*: TC test bench-mark
Standard weight: 2 g
Non-contact switches of motor speed control, heater temperature control, lamp light control
The information in this document is subject to change without notice. Before using this document, please confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information.
Document No. D15295EJ4V0DS00 (4th edition) Date Published June 2004 NS CP(K) Printed in Japan
The mark
shows major revised points.
2002
AC12DSMA,AC10FSMA
MAXIMUM RATINGS
Parameter Non-repetitive Peak Off-state Voltage Repetitive Peak Off-state Voltage Effective On-state Current Surge On-state Current Symbol VDSM VDRM IT(RMS) ITSM AC12DSMA 500 400 12 (TC = 74C) 100 (50 Hz 1 cycle) 110 (60 Hz 1 cycle) Fusing Current Critical Rate Rise of On-state Current Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Junction Temperature Storage Temperature AC12FSMA 700 600 Unit V V A A Remarks - - Refer to Figure 11 and 12. Refer to Figure 2.
iT2dt
dIT/dt PGM PG(AV) IGM Tj Tstg
45 (1 ms t 10 ms) 50 5.0 (f 50 Hz, Duty 10%) 0.5 3 (f 50 Hz, Duty 10%) -40+125 -55+150
As A/s W W A C C
2
- - - - - - -
ELECTRICAL CHARACTERISTICS (Tj = 25C)
Parameter Repetitive Peak Off-state Current Symbol IDRM Conditions VDM = VDRM Tj = 25C Tj = 125C On-state Voltage Gate Trigger Current Mode I II III IV Gate Trigger Voltage Mode I II III IV Gate Non-trigger Voltage Holding Current Critical Rate Rise of Off-state Voltage Commutating Critical Rate Rise of Off-state Voltage Thermal Resistance
Note
MIN. - - -
TYP. - - - - - - - - - - - - 30 100 -
MAX. 100 2 1.3 20 - 20 20 1.5 - 1.5 1.5 - - - -
Unit
Remarks - - Refer to Figure 1. Refer to Figure 4.
A
mA V mA
VTM IGT
ITM = 10 A VDM = 12 V, RL = 30 T2+, G+ T2-, G+ T2-, G- T2+, G-
- - - - - - - - 0.3 - - 10
VGT
VDM = 12 V, RL = 30
T2+, G+ T2-, G+ T2-, G-
V
Refer to Figure 4.
VGD IH dv/dt
T2+, G- Tj = 125C, VDM = 1 VDRM
2
V mA V/s V/s
- - - -
VDM = 24 V, ITM = 10 A
2 Tj = 125C, VDM = 3 VDRM
(dv/dt)c Tj = 125C, (diT/dt)c = -6 A/ms, VD = 400 V Rth(j-c) Junction-to-case AC
-
-
3.5
C/W Refer to Figure 13.
Note The thermal resistance with a 50 Hz or 60 Hz sine wave current, as shown in the following expression: Rth(j-c) =
Tj (max) - TC PT ( AV )
Tj(max): Maximum junction temperature TC: Case temperature PT(AV): Average on-dissipation
2
Data Sheet D15295EJ4V0DS
AC12DSMA,AC10FSMA
TYPICAL CHARACTERISTICS
Figure 1. iT vs. T CHARACTERISTIC
100
MAX.
Figure 2. ITSM RATING
140
Initial Tj = 125C ITSM 0 60 Hz 2
ITSM - Surge On-state Current - A
iT - On-state Current - A
120 100 80 60 40 20 0 1 5 10
N=1
10
TC = 125C
50 Hz
1.0
25C
0.1 0 1 2 3 4 5
50
100
T - On-state Voltage - V
Cycles - N
Figure 3. GATE RATING
10
Tj = -40 to +125C
Figure 4. GATE CHARACTERISTIC
2.0
Mode I, III, IV
8
VGT - Gate Trigger Voltage - V
VG - Gate Voltage - V
1.5
25C 125C -40C
6
PGM = 5 W f 50 Hz Duty 10%
1.0
4
2
0.5
PG(AV) = 0.5 W
0 0 0.5 1.0 1.5 2.0 2.5 3.0
0 0 10 20 30 40
IG - Gate Current - A
IGT - Gate Trigger Current - mA
Figure 5. IGT vs. TA CHARACTERISTIC
1000
Mode I, III, IV
Figure 6. VGT vs. TA CHARACTERISTIC
1.4
Mode I, III, IV
IGT - Gate Trigger Current - mA
VGT - Gate Trigger Voltage - V
1.2 1.0 0.8 0.6 0.4 0.2 0
100
10
1 -40 0 40 80 120
-40
0
40
80
120
TA - Ambient Temperature - C
TA - Ambient Temperature - C
Data Sheet D15295EJ4V0DS
3
AC12DSMA,AC10FSMA
Figure 7. iGT vs. CHARACTERISTIC
10000
Mode I, III, IV
Figure 8. GT vs. CHARACTERISTIC
5
Mode I, III, IV
iGT - Gate Trigger Current - mA
GT - Gate Trigger Voltage - V
1 10 100 1000
4
1000
3
100
2
10
1
1
0 1 10 100 1000
- Pulse Width - s
- Pulse Width - s
Figure 9. IH vs. TA CHARACTERISTIC
1000
Figure 10. PT(AV) vs. IT(RMS) CHARACTERISTIC PT(AV) - On-state Average Power Dissipation - W
24 22 20 18 16 14 12 10 8 6 4 2 0 0 2 4 6 8 10 12 14 16 18 20 22 24
IH - Holding Current - mA
100
10
1
-20
0
20
40
60
80
100
120
TA - Ambient Temperature - C
IT(RMS) - Effective On-state Current - A
Figure 11. TC vs. IT(RMS) RATING
140
140
Figure 12. TA vs. IT(RMS) RATING
TA - Ambient Temperature - C
TC - Case Temperature - C
120 100 80 60 40 20 0
120 100 80 60 40 20 0
0
2
4
6
8
10 12 14 16 18 20 22 24
0
1.0
2.0
IT(RMS) - Effective On-state Current - A
IT(RMS) - Effective On-state Current - A
4
Data Sheet D15295EJ4V0DS
AC12DSMA,AC10FSMA
Figure 13. Zth CHARACTERISTIC
100
Zth - Transient Thermal Impedance - C/W
Junction to ambient
10
Junction to case
1
0.1 0.1 1 10 100 1k 10 k 100 k
Cycles (50 Hz)
Data Sheet D15295EJ4V0DS
5
AC12DSMA,AC10FSMA
* The information in this document is current as of June, 2004. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC Electronics data sheets or data books, etc., for the most up-to-date specifications of NEC Electronics products. Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without the prior written consent of NEC Electronics. NEC Electronics assumes no responsibility for any errors that may appear in this document. * NEC Electronics does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC Electronics products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC Electronics or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of a customer's equipment shall be done under the full responsibility of the customer. NEC Electronics assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC Electronics endeavors to enhance the quality, reliability and safety of NEC Electronics products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC Electronics products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment and anti-failure features. * NEC Electronics products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to NEC Electronics products developed based on a customerdesignated "quality assurance program" for a specific application. The recommended applications of an NEC Electronics product depend on its quality grade, as indicated below. Customers must check the quality grade of each NEC Electronics product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots. "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support). "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC Electronics products is "Standard" unless otherwise expressly specified in NEC Electronics data sheets or data books, etc. If customers wish to use NEC Electronics products in applications not intended by NEC Electronics, they must contact an NEC Electronics sales representative in advance to determine NEC Electronics' willingness to support a given application. (Note) (1) "NEC Electronics" as used in this statement means NEC Electronics Corporation and also includes its majority-owned subsidiaries. (2) "NEC Electronics products" means any product developed or manufactured by or for NEC Electronics (as defined above).
M8E 02. 11-1


▲Up To Search▲   

 
Price & Availability of AC12FSMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X